Part Number Hot Search : 
C0603X IR282 TZM5257B 8128A 167234F BS616L 3ADR2G AD7581
Product Description
Full Text Search
 

To Download SRS2020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRS2020 THRU SRS2060
20.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 20 to 60 Volts Current 20.0 Amperes
Features
For surface mounted application Low forward voltage drop High current capability High reliability High surge current capability
D2PAK
Mechanical Data
Cases: D2PAK molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Lead solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260OC/10 seconds at terminals Weight: 1.70 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SRS SRS Type Number 2020 2030 Maximum Recurrent Peak Reverse Voltage VRRM 20 30 Maximum RMS Voltage VRMS 14 21 Maximum DC Blocking Voltage VDC 20 30
Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 10.0A Maximum D.C. Reverse Current @ Tc=25 at Rated DC Blocking Voltage @ Tc=100 Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Junction Temperature Range Storage Temperature Range
SRS 2040
SRS 2050
SRS 2060
Units V V V A A
40 28 40 20.0 250
50 35 50
60 42 60
I(AV) IFSM VF IR RJC Cj TJ TSTG
0.55 1.0 50 1.5
0.70
V mA mA /W pF
600 400 -65 to +125 -65 to +150 -65 to+150
Notes: 1. Thermal Resistance from Junction to Case Per Leg
2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
- 184 -
RATINGS AND CHARACTERISTIC CURVES (SRS2020 THRU SRS2060)
FIG.1- FORWARD CURRENT DERATING CURVE
20.0 300
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
8.3ms SINGLE HALF SINE WAVE PER LEG. (JEDEC METHOD) Tj=Tj max.
AVERAGE FORWARD CURRENT. (A)
PEAK FORWARD SURGE CURRENT. (A)
150
16.0
250 200
SRS
SRS
12.0
205
202 0-4
0-60
150 100 50 0
8.0
0
4.0
0
0
50
100
o
1
2
5
10
20
50
100
CASE TEMPERATURE. ( C)
NUMBER OF CYCLES AT 60Hz
10
FIG.3- TYPICAL REVERSE CHARACTERISTICS PER LEG
100
FIG.4- TYPICAL FORWARD CHARACTERISTICS PER LEG
INSTANTANEOUS REVERSE CURRENT. (mA)
1.0
Tj=1
0 00 C
INSTANTANEOUS FORWARD CURRENT. (A)
SR
S2
02
1.0
0SR S2 05 060
.10
Tj=
75
0
C
.01
2 Tj=
5C
0
20
10
40
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
.001 0 20 40 60 80 100 120 140 0.1 .2 .3 .4 .5 .6 .7 .8 .9
0
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
4000 2000
JUNCTION CAPACITANCE.(pF)
1000 800 600 400
SRS2020-40
Tj=25 0C f=1.0MHz Vsig=50mVp-p
SRS2050-60
200
100 0.1
0.4
1.0 4 10 REVERSE VOLTAGE. (V)
40
80100
- 185 -


▲Up To Search▲   

 
Price & Availability of SRS2020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X